Part Number Hot Search : 
C5750X7 NJM2516 PMF100CA HMC783 0N06S 78070AY M5L2764K UHE1A272
Product Description
Full Text Search
 

To Download MRA206-CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr distinctive characteristics actual size low profle body of mrf model accommodates space limitations required for pcb mounting. for the mra and mrk bushing mount models, the range of behind panel body depths is .323 to .669 (8.2mm to 17.0mm). positive detent mechanism for distinct feel and audible feedback. metal bushing and housing construction increases durability. adjustable stopper plate allows 2C12 position settings. high contact reliability achieved by the self-cleaning contact mechanism. break-before-make contact timing with sliding contacts in mra and rotary contactor disk in mrf and mrk models. interior housing seal and molded-in pc terminals, plus shaft rubber o-ring on mrf and mrk and polyamide cover on mrf model, allow cleaning after automated soldering. exterior rubber washer and double fatted bushing on mra and mrk give protection in splashproof applications.
www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr general specifcations electrical capacity (resistive load) for mra: for mrf or mrk: other ratings contact resistance: insulation resistance: dielectric strength: mechanical life: electrical life: range of operating torque: contact timing: indexing: materials & finishes shaft: stopper plate: bushing/housing: movable contacts: end contacts & terminals: common contacts & terminals: base: environmental data operating temperature range: humidity: vibration: shock: installation mounting torque: ? cap installation force: processing soldering time & temperature: cleaning: standards & certifications ul recognition or csa certifcation:
www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr typical switch ordering example knobs a plain black b small color tipped c large color tipped 206 description for typical ordering example mra206-a colors for plain knob no code black for color tipped a black b white c red e yellow f green g blue h gray a a shaft actuated with pc terminals actuators & terminals shaft terminal mr shaft actuated with plain black knob dp with 2-6 adjustable positions pc terminals f a actuators & terminals a shaft actuated with pc terminals f low profle screwdriver actuated with pc terminals k low profle shaft actuated with pc terminals poles & circuits 112 sp with 2-12 positions 206 dp with 2-6 positions 403 4p with 2-3 positions low profle screwdriver actuated with pc terminals k low profle shaft actuated with pc terminals slotted for terminal screwdriver shaft terminal (3.15) dia .124 (10.0) .394 (2.3) .091 (3.15) dia .124 (0.8) .031 (1.0) .039 (3.15) dia .124 (10.0) .394 (2.3) .091 12 11 1 0 9 1 12 11 10 2 (0.5) .020 thk = (0.25) .010 (3.5) .138 (0.5) .020 thk = (0.25) .010 (3.5) .138 (0.5) .020 thk = (0.25) .010 (3.5) .138 2 1 c 12 11 10 m r - 1 2 3 4 5 6 7 8 9 10 11 12 m r - k 1 1 2 2 1 c 12 11 10 9 12 11 10 9
www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr pole model number of positions stopper settings number of terminals schematics sp mra112 mrf112 mrk112 2C12 2C12 2C12 2, 3, 4, . . . 12 2, 3, 4, . . . 12 2, 3, 4, . . . 12 1 com, 12 load 1 com, 12 load 1 com, 12 load dp mra206 mrf206 mrk206 2C6 2C6 2C6 2, 3, 4, 5, 6 2, 3, 4, 5, 6 2, 3, 4, 5, 6 2 com, 12 load 2 com, 12 load 2 com, 12 load 4p mra403 mrf403 mrk403 2C3 2C3 2C3 2, 3 2, 3 2, 3 4 com, 12 load 4 com, 12 load 4 com, 12 load poles & circuits 12 34 56 78 91 01 11 2 a 12 34 56 12 34 56 a b 12 31 23 12 31 23 a b c d position setting for mra, mrf, & mrk models each switch is supplied with the stopper set for the maximum number of positions allowed for that model. prior to installation , the desired position setting should be made. contact factory for continuous rotation. mrf models 1. remove the protective cover from the switch body. 2. turn the shaft counterclockwise to the extreme left by using a screwdriver. 3. inside the cover is a magnifying lens which would be positioned over the number which is to be the maximum position used; when the cover is then snapped into the switch, the projection beside the lens fts into the correct hole for setting the stop. 2 1 c 12 11 10 m r - 1 2 3 4 5 6 7 8 9 10 11 12 protective cover lens projection mrk & mra models 1. using the actuator knob, turn the shaft counterclockwise to the extreme left. if the shaft is not turned counterclockwise to the extreme left, proper setting can- not be achieved. at this extreme posi- tion, the white line on the knob points to the number 1 position shown on the side of the switch. 2. remove the knob from the shaft and loosen the nut far enough to allow rais- ing the stopper plate, plus washer(s), for resetting to the desired position. 3. note the position numbers on the side of the switch; these correspond to the terminal numbers and stopper holes. insert the stopper in the hole numbered for the maximum desired number of stop settings. satisfactory switch func- tioning cannot be assured if the stopper plate is not properly positioned. 4. tighten the nut (beveled side up) frmly against the stopper plate. 12 11 1 0 9 1 12 11 10 2 m r - k 1 1 2 2 1 c 12 11 10 9 12 11 10 9 standard mounting hardware packaged loose with each switch: hex face nut locking ring lockwasher rubber ring (mrk) factor y assembled: hex nut stopper plate metal w asher (mra) rubber w asher
www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr typical switch dimensions single pole mra112 mra ? pc terminals 1 pole 2 pole 4 pole mrf ? pc terminals 1 pole 2 pole 4 pole mra112 mrk112 mrk devices are designed to be panel mounted. installation without panel mounting will affect reliability. mrk ? pc terminals 1 pole 2 pole 4 pole mrf403 footprints double pole mra206 four pole mra403 single pole mrf112 mrk112 double pole mrf206 mrk206 four pole mrf403 mrk403 (9.5) dia .374 (3.0) ty p .118 (1.0) dia ty p .039 a 1 2 3 4 5 6 7 8 9 10 11 12 3 0 ? t y p (9.5) dia .374 (3.0) ty p .118 (1.0) dia ty p .039 a 1 2 3 1 2 3 1 2 3 1 2 3 b d c 9 0 ? 3 0 ? t y p (0.8) dia ty p .031 (12.0) dia .472 a 1 2 3 4 5 6 7 8 9 10 11 12 3 0 ? t y p 1 5 ? t y p (0.8) dia ty p .031 (12.0) dia .472 a 1 2 3 4 5 6 b 2 3 4 5 6 1 1 5 ? t y p 3 0 ? t y p a 1 2 3 c 1 2 3 b 1 2 3 d 1 2 3 (12.0) dia .472 (0.8) dia ty p .031 1 5 ? t y p 1 5 ? t y p (9.5) dia .374 (3.0) ty p .118 (1.0) dia ty p .039 a 1 2 3 4 5 6 1 2 3 4 5 6 b 3 0 ? t y p 1 8 0 ? keyway (3.15) dia .124 1 5 ? t y p (12.6) dia .496 3 2 1 c 3 2 1 a 3 2 1 d 3 2 1 b 1 5 ? t y p keyway (3.15) dia .124 (16.0) dia .630 (10.0) .394 (10.0) .394 (17.0) .669 m6 p0.75 (5.0) .197 (1.0) .039 (2.3) .091 (6.0) .236 (0.8) dia ty p .031 (12.6) dia .496 7 6 5 4 3 2 1 a 1 2 1 1 1 0 9 8 1 5 ? t y p 1 5 ? 3 0 ? (4.2) .165 (8.2) .323 (3.5) .138 (0.5) ty p .020 (12.0) dia .472 (0.25) ty p .010 cover b 6 5 4 3 2 1 a 6 5 4 3 2 1 (12.6) dia .496 1 5 ? t y p 1 5 ? 3 0 ? b 3 2 1 c 3 2 1 a 3 2 1 d 3 2 1 (12.6) dia .496 1 5 ? t y p 1 5 ? 3 0 ? 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 (14.0) dia .551 (0.8) .031 (12.6) dia .496 6 5 4 3 2 1 a 6 5 4 3 2 1 b 1 5 ? 3 0 ? 1 5 ? t y p (12.6) dia .496 7 6 5 4 3 2 1 a 1 2 1 1 1 0 9 8 1 5 ? t y p 1 5 ? 3 0 ? (10.0) .394 (10.1) .398 m6 p0.75 (2.3) .091 (5.5) .217 (3.5) .138 (0.5) ty p .020 (12.0) dia .472 (0.25) ty p .010 a 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 3 0 t y p (9.5) dia .374 (3.0) dia .118 a a 1 2 3 4 5 6 1 2 3 4 5 6 3 0 t y p (9.5) dia .374 (3.0) dia .118 b a a 1 2 3 1 2 3 1 2 3 1 2 3 3 0 t y p (9.5) dia .374 (3.0) dia .118 b d c
www.nikkaiswitches.com ? nihon kaiheiki ? phone 81-44-813-8008 ? fax 81-44-813-8038 5-08 half-inch diameter process sealed rotaries series mr knobs a at433 plain black color codes: black white red yellow green blue a b c e f g gray h (11.0) dia .433 (19.0) dia .748 (9.5) .374 (13.0) .512 (0.5) .020 (16.0) dia .630 (9.5) dia .374 (14.3) .563 (9.5) .374 (0.5) .020 (11.0) dia .433 (18.0) dia .709 (9.5) .374 (15.8) .622 (0.5) .020 base material: polyester base color: black polyamide tip colors: a, b, c, e, f, g, h material: polyacetal color: black only base material: polyester base color: black polyamide tip colors: a, b, c, e, f, g, h b at4103 small color tipped c at4104 large color tipped panel cutouts & maximum effective panel thickness without keyway standard mounting hardware at513m metric hexagon nut material: brass, nickel plating 1 for mra; 1 for mrk at507m metric locking ring material: steel, chromate over zinc plating 1 for mra; 1 for mrk at509 lockwasher material: steel, chromate over zinc plating 1 for mra; 1 for mrk at535 rubber ring material: nitrile butadiene rubber 1 for mrk (9.0) .354 (1.5) .059 (2.0) .079 (5.5) .217 (6.0) dia .236 (12.0) dia .472 (1.7) .067 (0.8) .031 (0.5) .020 (6.4) dia .252 (10.2) dia .402 nonsealed panel sealed panel with standard hardware on nonsealed panel: mra .067 (1.7mm) mrk .087 (2.2mm) without locking ring on nonsealed panel: mra .098 (2.5mm) mrk .118 (3.0mm) with standard hardware on sealed panel: mrk .106 (2.7mm) with keyway (6.35) dia .250 (5.6) .220 (0.6) .024 (6.2) dia .244 (5.4) .213 (6.35) dia .250 (6.5) .256 (2.2) dia .087 optional support bracket at543 support bracket for mrk material: steel with tin plating a support bracket is needed when the mrk is mounted only to a pc board and does not have the bushing through a panel. (18.0) .709 (18.0) .709 (14.9) .587 (0.8) ty p .031 (3.8) ty p .150 (0.5) ty p .020 (14.0) .551 (8.0) .315 m6 p0.75 (1.3) .051 (6.2) dia .244 (9.4) dia .370 (17.5) .689 (17.2) .677 (1.2) dia ty p .047


▲Up To Search▲   

 
Price & Availability of MRA206-CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X